Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M45PE80 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce M45PE80
Description  8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE80 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button M45PE80_06 Datasheet HTML 20Page - STMicroelectronics M45PE80_06 Datasheet HTML 21Page - STMicroelectronics M45PE80_06 Datasheet HTML 22Page - STMicroelectronics M45PE80_06 Datasheet HTML 23Page - STMicroelectronics M45PE80_06 Datasheet HTML 24Page - STMicroelectronics M45PE80_06 Datasheet HTML 25Page - STMicroelectronics M45PE80_06 Datasheet HTML 26Page - STMicroelectronics M45PE80_06 Datasheet HTML 27Page - STMicroelectronics M45PE80_06 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
Instructions
M45PE80
24/47
Figure 12.
Page Write (PW) instruction sequence
1.
Address bits A23 to A20 are Don’t Care
2.
1
≤n ≤256
C
D
AI04045
S
42
41
43 44 45 46 47 48 49 50
52 53 54 55
40
C
D
S
23
2
1
3456789 10
28 29 30 31 32 33 34 35
22 21
3210
36 37 38
Instruction
24-Bit Address
0
765432
0
1
Data Byte 1
39
51
765432
0
1
Data Byte 2
765432
0
1
Data Byte 3
Data Byte n
765432
0
1
MSB
MSB
MSB
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47