Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7314ARMZ Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD7314ARMZ
Description  Low Voltage, 10-Bit Digital Temperature Sensor in 8-Lead MSOP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7314ARMZ Fiches technique(HTML) 7 Page - Analog Devices

  AD7314ARMZ Datasheet HTML 1Page - Analog Devices AD7314ARMZ Datasheet HTML 2Page - Analog Devices AD7314ARMZ Datasheet HTML 3Page - Analog Devices AD7314ARMZ Datasheet HTML 4Page - Analog Devices AD7314ARMZ Datasheet HTML 5Page - Analog Devices AD7314ARMZ Datasheet HTML 6Page - Analog Devices AD7314ARMZ Datasheet HTML 7Page - Analog Devices AD7314ARMZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. A
AD7314
–7–
SUPPLY DECOUPLING
The AD7314 should at least be decoupled with a 0.1
mF ceramic
capacitor between VDD and GND. This is particularly important
if the AD7314 is mounted remote from the power supply.
TYPICAL TEMPERATURE ERROR GRAPHS
Figure 6 shows a typical temperature error plot for one device
with VDD at 2.65 V.
TEMPERATURE ( C)
–2.0
–55
–35
0
40
85
125
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
Figure 6. Typical Temperature Error @ 2.65 V



Html Pages

1 2 3 4 5 6 7 8