Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1870AR Fiches technique(PDF) 13 Page - Analog Devices

No de pièce AD1870AR
Description  Single-Supply 16-Bit Stereo ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1870AR Fiches technique(HTML) 13 Page - Analog Devices

Back Button AD1870AR Datasheet HTML 9Page - Analog Devices AD1870AR Datasheet HTML 10Page - Analog Devices AD1870AR Datasheet HTML 11Page - Analog Devices AD1870AR Datasheet HTML 12Page - Analog Devices AD1870AR Datasheet HTML 13Page - Analog Devices AD1870AR Datasheet HTML 14Page - Analog Devices AD1870AR Datasheet HTML 15Page - Analog Devices AD1870AR Datasheet HTML 16Page - Analog Devices AD1870AR Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD1870
REV. A
–13–
Timing Parameters
For master modes, a BCLK transmitting edge (labeled “XMIT”)
will be delayed from a CLKIN rising edge by tDLYCKB, as shown
in Figure 17. A L
RCK transition will be delayed from a BCLK
transmitting edge by tDLYBLR. A WCLK rising edge will be
delayed from a BCLK transmitting edge by tDLYBWR, and a WCLK
falling edge will be delayed from a BCLK transmitting edge by
tDLYBWF. The DATA and TAG outputs will be delayed from a
transmitting edge of BCLK by tDLYDT.
For slave modes, an L
RCK transition must be set up to a BCLK
sampling edge (labeled “SAMPLE”) by tSETLRBS (see Figure 18).
The DATA and TAG outputs will be delayed from an L
RCK
transition by tDLYLRDT, and DATA and TAG outputs will be
delayed from BCLK transmitting edge by tDLYBDT. For Slave
Mode, Data Position Controlled by WCLK Input, WCLK must
be set up to a BCLK sampling edge by tSETWBS.
For both Master and Slave Modes, BCLK must have a mini-
mum LO pulsewidth of tBPWL and a minimum HI pulsewidth of
tBPWH.
The AD1870 CLKIN and
RESET timing is shown in Figure 19.
CLKIN must have a minimum LO pulsewidth of tCPWL and a
minimum HI pulsewidth of tCPWH. The minimum period of
CLKIN is given by tCLKIN. RESET must have a minimum LO
pulsewidth of tRPWL. Note that there are no setup or hold time
requirements for
RESET.
Master Clock (CLKIN) Considerations
It is recommended that the BCLK and L
RCK are derived from
CLKIN to ensure correct phase relationships. The modulator
of the AD1870 runs at 64
× f
S. Therefore, best performance is
obtained when the BCLK rate equals 64
× fS or 32 × fS. BCLK
rates such as 48
× f
S may result in an increased spectral noise
floor, depending on the phase relationship of BCLK to CLKIN.
Synchronizing Multiple AD1870s
Multiple AD1870s can be synchronized by making all the
AD1870s serial port slaves. This option is illustrated in Figure 6.
See the Reset, Autocalibration, and Power-Down section for
additional information.
#1 AD1870
SLAVE MODE
CLKIN
DATA
BCLK
WCLK
L
RCK
CLOCK
SOURCE
#2 AD1870
SLAVE MODE
CLKIN
DATA
BCLK
WCLK
L
RCK
#N AD1870
SLAVE MODE
CLKIN
DATA
BCLK
WCLK
L
RCK
RESET
RESET
RESET
Figure 6. Synchronizing Multiple AD1870s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20