| Moteur de recherche de fiches techniques de composants électroniques |
|
AD1870 Fiches technique(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD1870 Fiches technique(HTML) 13 Page - Analog Devices |
|
13 / 20 page ![]() AD1870 REV. A –13– Timing Parameters For master modes, a BCLK transmitting edge (labeled “XMIT”) will be delayed from a CLKIN rising edge by tDLYCKB, as shown in Figure 17. A L RCK transition will be delayed from a BCLK transmitting edge by tDLYBLR. A WCLK rising edge will be delayed from a BCLK transmitting edge by tDLYBWR, and a WCLK falling edge will be delayed from a BCLK transmitting edge by tDLYBWF. The DATA and TAG outputs will be delayed from a transmitting edge of BCLK by tDLYDT. For slave modes, an L RCK transition must be set up to a BCLK sampling edge (labeled “SAMPLE”) by tSETLRBS (see Figure 18). The DATA and TAG outputs will be delayed from an L RCK transition by tDLYLRDT, and DATA and TAG outputs will be delayed from BCLK transmitting edge by tDLYBDT. For Slave Mode, Data Position Controlled by WCLK Input, WCLK must be set up to a BCLK sampling edge by tSETWBS. For both Master and Slave Modes, BCLK must have a mini- mum LO pulsewidth of tBPWL and a minimum HI pulsewidth of tBPWH. The AD1870 CLKIN and RESET timing is shown in Figure 19. CLKIN must have a minimum LO pulsewidth of tCPWL and a minimum HI pulsewidth of tCPWH. The minimum period of CLKIN is given by tCLKIN. RESET must have a minimum LO pulsewidth of tRPWL. Note that there are no setup or hold time requirements for RESET. Master Clock (CLKIN) Considerations It is recommended that the BCLK and L RCK are derived from CLKIN to ensure correct phase relationships. The modulator of the AD1870 runs at 64 × f S. Therefore, best performance is obtained when the BCLK rate equals 64 × fS or 32 × fS. BCLK rates such as 48 × f S may result in an increased spectral noise floor, depending on the phase relationship of BCLK to CLKIN. Synchronizing Multiple AD1870s Multiple AD1870s can be synchronized by making all the AD1870s serial port slaves. This option is illustrated in Figure 6. See the Reset, Autocalibration, and Power-Down section for additional information. #1 AD1870 SLAVE MODE CLKIN DATA BCLK WCLK L RCK CLOCK SOURCE #2 AD1870 SLAVE MODE CLKIN DATA BCLK WCLK L RCK #N AD1870 SLAVE MODE CLKIN DATA BCLK WCLK L RCK RESET RESET RESET Figure 6. Synchronizing Multiple AD1870s |