| Moteur de recherche de fiches techniques de composants électroniques |
|
TUSB211AI Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB211AI Fiches technique(HTML) 8 Page - Texas Instruments |
|
8 / 24 page ![]() 7.4.5 Shutdown Mode TUSB211A can be disabled when its RSTN pin is asserted low. DP, DM traces are continuous through the device in shutdown mode. The USB channel is still fully operational, but there is neither signal compensation, nor any indication from the CD pin as to the status of the channel. Table 7-1. CD and ENA_HS Pins in Different Modes MODE CD ENA_HS Low-speed HIGH LOW Full-speed HIGH LOW High-speed HIGH HIGH High-speed downstream port electrical test LOW HIGH Shutdown LOW LOW TUSB211A SLLSFW2 – SEPTEMBER 2023 www.ti.com 8 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: TUSB211A |