Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT89SND2CMP3B Fiches technique(PDF) 3 Page - ATMEL Corporation

No de pièce AT89SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Fiches technique(HTML) 3 Page - ATMEL Corporation

  AT89SND2CMP3B Datasheet HTML 1Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 2Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 3Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 4Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 5Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 6Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 7Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 8Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 241 page
background image
3
4341F–MP3–03/06
AT8xC51SND2C/MP3B
3.
Block Diagram
Figure 3-1.
AT8xC51SND2C / AT8XSND2CMP3B Block Diagram
Clock and PLL
Unit
C51 (X2 Core)
Flash
ROM
Interrupt
Handler Unit
FILT
X2
X1
MP3
TWI
Controller
MMC
Interface
I/OPorts
SCL
SDA
MDAT
P0-P4
VSS
VDD
Keyboard
Interface
KIN0
I2S/PCM
Audio
INT0
INT1
MOSI
MISO
3 Alternate function of Port 3
4 Alternate function of Port 4
Timers 0/1
T1
T0
SPI/DataFlash
Controller
MCLK
MCMD
SCK
RST
DSEL
DCLK
SCLK
DOUT
64 KBytes
USB
Controller
D+
D-
UART
RXD
TXD
IDE
Interface
SS
Watchdog
Flash Boot
4 KBytes
ISP
UVSS
UVDD
and
BRG
ALE
3
3
3
3
3
4
4
4
4
Audio
Decoder
Interface
PA
Audio
DAC
Unit
HSR
HSL
AUXP
RAM
2304Bytes
3
AUXN
LINEL
LINER
MONOP
MONON
PAINP
PAINN
HPP
HPN
10-bit A to D
Converter
AREF
AIN1:0
(ADC is available on
8xSND2CMP3B only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More