Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNC552 Fiches technique(PDF) 4 Page - SONiX Technology Company

No de pièce SNC552
Description  Two Channel Direct Drive Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONIX [SONiX Technology Company]
Site Internet  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC552 Fiches technique(HTML) 4 Page - SONiX Technology Company

  SNC552 Datasheet HTML 1Page - SONiX Technology Company SNC552 Datasheet HTML 2Page - SONiX Technology Company SNC552 Datasheet HTML 3Page - SONiX Technology Company SNC552 Datasheet HTML 4Page - SONiX Technology Company SNC552 Datasheet HTML 5Page - SONiX Technology Company SNC552 Datasheet HTML 6Page - SONiX Technology Company SNC552 Datasheet HTML 7Page - SONiX Technology Company SNC552 Datasheet HTML 8Page - SONiX Technology Company SNC552 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SNC552
Two Channel Direct Drive Speech Controller
5.6. I/O Ports
P1 is a 4-bit input port and P2/P3 are two 4-bit I/O ports. Any bit of P2 and P3 can
be programmed as either input or output port individually. Any valid data transition
(H
L or L H) of P1, P2 and P3 can reactivate the chip when the chip is in
power-down mode.
To Internal Data Bus
Read Control
PAD
Weak
Input Port Configuration (P10~P13)
Port Data
Port Status
To Internal Data Bus
Read Control
PAD
Weak
I/O Port Configuration (P20~P23, P30~P33)
Note: weak N-MOS’s can serve as pull-low resistors.
Ver: 1.4
June 8, 2005
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11