| Moteur de recherche de fiches techniques de composants électroniques |
|
SNC115 Fiches technique(PDF) 4 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SNC115 Fiches technique(HTML) 4 Page - SONiX Technology Company |
|
4 / 12 page ![]() SNC115 One Channel Direct Drive Speech Controller 5.6. I/O Ports P1 is a 4-bit input port, P2 and P3 are two 4-bit I/O ports. Any bit of P2 and P3 can be programmed as either input or output port individually. Any valid data transition (H L or L H) of P1, P2 and P3 can reactivate the chip when the chip is in power-down mode. To Internal Data Bus Read Control PAD Weak Input Port Configuration (P10~P13) Port Data Port Status To Internal Data Bus Read Control PAD Weak I/O Port Configuration (P20~P23, P30~P33) Note: All weak N-MOS’s can serve as pull-low resistors. Ver: 1.3 June 8, 2005 4 |