| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8976 Fiches technique(PDF) 4 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8976 Fiches technique(HTML) 4 Page - Wolfson Microelectronics plc |
|
4 / 108 page ![]() WM8976 Pre-Production w PP Rev 3.0 April 2006 4 PIN CONFIGURATION ORDERING INFORMATION ORDER CODE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8976GEFL/V -25 °C to +85°C 32-lead QFN (5 x 5 mm) (Pb-free) MSL3 260 oC WM8976GEFL/RV -25 °C to +85°C 32-lead QFN (5 x 5 mm) (Pb-free, tape and reel) MSL3 260 oC Note: Reel quantity = 3,500 |