| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8974GEFL/V Fiches technique(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8974GEFL/V Fiches technique(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 87 page ![]() Production Data WM8974 w PD Rev 4.2 March 2007 3 PIN CONFIGURATION TOP VIEW ORDERING INFORMATION ORDER CODE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PACKAGE BODY TEMPERATURE WM8974GEFL/V -25 °C to +85°C 24-lead QFN (4x4x0.9mm) (Pb-free) MSL3 260oC WM8974GEFL/RV -25 °C to +85°C 24-lead QFN (4x4x0.9mm) (Pb-free, tape and reel) MSL3 260oC Note: Reel Quantity = 3,500 |