| Moteur de recherche de fiches techniques de composants électroniques |
|
A1321 Fiches technique(PDF) 10 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
A1321 Fiches technique(HTML) 10 Page - Allegro MicroSystems |
|
10 / 11 page ![]() Ratiometric Linear Hall Effect Sensor for High-Temperature Operation A1321, A1322, and A1323 10 Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com Package LH, 3-Pin; (SOT-23W) Terminal List Symbol Number Description Package LH Package UA VCC 1 1 Connects power supply to chip VOUT 2 3 Output from circuit GND 3 2 Ground Package LH Package UA Pin-out Drawings 23 1 2 1 3 0.15 0.00 .006 .000 1.17 0.75 .046 .030 0.50 0.30 .020 .012 2.10 1.85 .083 .073 3.00 2.70 .118 .106 1.49 NOM .059 0.96 NOM .038 0.20 0.08 .008 .003 8º 0º 0.60 0.25 .024 .010 C SEATING PLANE A B 3X 0.20 [.008] M C A B 0.15 [.006] M C A B C 0.10 [.004] 3X 0.95 .037 1.90 .075 0.25 .010 3.04 2.80 .120 .110 2 1 3 GAUGE PLANE SEATING PLANE B A B Preliminary dimensions, for reference only Dimensions in millimeters U.S. Customary dimensions (in.) in brackets, for reference only (reference JEDEC TO-236 AB, except case width and terminal tip-to-tip) Dimensions exclusive of mold flash, gate burrs, and dambar protrusions Exact case and lead configuration at supplier discretion within limits shown Hall element (not to scale) Active Area Depth 0.28 [.011] A A A |