| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8940GEFL/V Fiches technique(PDF) 5 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8940GEFL/V Fiches technique(HTML) 5 Page - Wolfson Microelectronics plc |
|
5 / 85 page ![]() Pre-Production WM8940 w Pre-Production, Rev 3.0, February 2007 5 PIN CONFIGURATION TOP VIEW ORDERING INFORMATION ORDER CODE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PACKAGE BODY TEMPERATURE WM8940GEFL/V -25 °C to +85°C 24-lead QFN (4x4x0.9mm) (Pb-free) MSL3 260oC WM8940GEFL/RV -25 °C to +85°C 24-lead QFN (4x4x0.9mm) (Pb-free, tape and reel) MSL3 260oC Note: Reel Quantity = 3,500 |