| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8940 Fiches technique(PDF) 31 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8940 Fiches technique(HTML) 31 Page - Wolfson Microelectronics plc |
|
31 / 85 page ![]() Pre-Production WM8940 w Pre-Production, Rev 3.0, February 2007 31 NORMAL MODE ALCMODE = 0 (Normal Mode) ALCATK tATK tATK6dB tATK90% 0000 104µs 832µs 6ms 0001 208µs 1.66ms 12ms 0010 416µs 3.33ms 24ms 0011 832µs 6.66ms 48ms 0100 1.66ms 13.3ms 96ms 0101 3.33ms 26.6ms 192ms 0110 6.66ms 53.2ms 384ms 0111 13.3ms 106ms 767ms 1000 26.6ms 213.2ms 1.53s 1001 53.2ms 426ms 3.07s 1010 106ms 852ms 6.13s Attack Time (s) ALCMODE = 0 (Normal Mode) ALCDCY tDCY tDCY6dB tDCY90% 0000 410µs 3.28ms 23.6ms 0001 820µs 6.56ms 47.2ms 0010 1.64ms 13.1ms 94.5ms 0011 3.28ms 26.2ms 189ms 0100 6.56ms 52.5ms 378ms 0101 13.1ms 105ms 756ms 0110 26.2ms 210ms 1.51s 0111 52.5ms 420ms 3.02s 1000 105ms 840ms 6.05s 1001 210ms 1.68s 12.1s 1010 420ms 3.36s 24.2s Decay Time (s) Table 21 ALC Normal Mode (Attack and Decay times) |