| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8778SEDS/R Fiches technique(PDF) 18 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8778SEDS/R Fiches technique(HTML) 18 Page - Wolfson Microelectronics plc |
|
18 / 50 page ![]() WM8778 Production Data w PD Rev 4.0 April 2005 18 ADCBCLK DOUT ADCLRC DIN DACLRC WM8778 CODEC DVD Controller DACBCLK Figure 11 Slave Mode In Master mode (MS=1) ADCLRC, DACLRC, ADCBCLK and DACBCLK are outputs from the WM8778 (Figure 12). ADCLRC, DACLRC, ADCBCLK and DACBCLK are generated by the WM8778. DIN is sampled by the WM8778 on the rising edge of DACBCLK so the controller must output DAC data that changes on the falling edge of DACBCLK. ADC data is output on DOUT and changes on the falling edge of ADCBCLK. By setting control bit BCLKINV, the polarity of ADCBCLK and DACBCLK may be reversed so that DIN is sampled on the falling edge of DACBCLK and DOUT changes on the rising edge of ADCBCLK. ADCBCLK DOUT ADCLRC DIN DACLRC WM8778 CODEC DVD Controller DACBCLK Figure 12 Master Mode AUDIO INTERFACE FORMATS Audio data is applied to the internal DAC filters or output from the ADC filters, via the Digital Audio Interface. 5 popular interface formats are supported: • Left Justified mode • Right Justified mode • I 2S mode • DSP mode A • DSP mode B All 5 formats send the MSB first and support word lengths of 16, 20, 24 and 32 bits, with the exception of 32 bit right justified mode, which is not supported. In left justified, right justified and I 2S modes, the digital audio interface receives DAC data on the DIN input and outputs ADC data on DOUT. Audio Data for each stereo channel is time multiplexed with ADCLRC/DACLRC indicating whether the left or right channel is present. ADCLRC/DACLRC is also used as a timing reference to indicate the beginning or end of the data words. |