Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM8762GED/RV Fiches technique(PDF) 3 Page - Wolfson Microelectronics plc

No de pièce WM8762GED/RV
Description  24-bit 192kHz Stereo DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSON [Wolfson Microelectronics plc]
Site Internet  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8762GED/RV Fiches technique(HTML) 3 Page - Wolfson Microelectronics plc

  WM8762GED/RV Datasheet HTML 1Page - Wolfson Microelectronics plc WM8762GED/RV Datasheet HTML 2Page - Wolfson Microelectronics plc WM8762GED/RV Datasheet HTML 3Page - Wolfson Microelectronics plc WM8762GED/RV Datasheet HTML 4Page - Wolfson Microelectronics plc WM8762GED/RV Datasheet HTML 5Page - Wolfson Microelectronics plc WM8762GED/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8762GED/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8762GED/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8762GED/RV Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
WM8762
Production Data
w
PD Rev 4.2 July 2006
3
PIN CONFIGURATION
8
7
6
5
WM8762
1
2
3
4
VDD
VOUTL
VOUTR
GND
MCLK
LRCIN
DIN
BCKIN
ORDERING INFORMATION
DEVICE
TEMPERATURE
RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
PEAK SOLDERING
TEMPERATURE
WM8762GED/V
-25 to +85
oC
8-lead SOIC
(Pb-free)
MSL2
260
oC
WM8762GED/RV
-25 to +85
oC
8-lead SOIC
(Pb-free, tape and reel)
MSL2
260
oC
Note:
Reel Quantity = 3,000
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
DIN
Digital input
Serial audio data input
2
BCKIN
Digital input
Bit clock input
3
LRCIN
Digital input
Sample rate clock input
4
MCLK
Digital input
System master clock input
5
VOUTL
Analogue output
Left channel DAC output
6
GND
Supply
Analogue ground supply
7
VDD
Supply
Positive supply
8
VOUTR
Analogue output
Right channel DAC output
Note:
Digital input pins have Schmitt trigger input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15