Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM8731SEDS/R Fiches technique(PDF) 60 Page - Wolfson Microelectronics plc

No de pièce WM8731SEDS/R
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSON [Wolfson Microelectronics plc]
Site Internet  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731SEDS/R Fiches technique(HTML) 60 Page - Wolfson Microelectronics plc

Back Button WM8731SEDS/R Datasheet HTML 55Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 56Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 57Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 58Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 59Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 60Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 61Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 62Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 63Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 60 / 63 page
background image
WM8731 / WM8731L
Production Data
w
PD Rev 4.2 November 2005
60
MINIMISING POP NOISE AT THE ANALOGUE OUTPUTS
To minimise any pop or click noise when the system is powered up or down, the following procedures
are recommended.
POWER UP SEQUENCE
•
Switch on power supplies. By default the WM8731 is in Standby Mode, the DAC is
digitally muted and the Audio Interface and Outputs are all OFF.
•
Set all required bits in the Power Down register (0Ch) to ‘0’; EXCEPT the OUTPD
bit, this should be set to ‘1’ (Default).
•
Set required values in all other registers except 12h (Active).
•
Set the ‘Active’ bit in register 12h.
•
The last write of the sequence should be setting OUTPD to ‘0’ (active) in register
0Ch, enabling the DAC signal path, free of any significant power-up noise.
POWER DOWN SEQUENCE
•
Set the OUTPD bit to ‘1’ (power down).
•
Remove the WM8731 supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63