| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8718 Fiches technique(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8718 Fiches technique(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 32 page ![]() WM8718 Production Data w PD Rev 4.3 November 2006 3 PIN CONFIGURATION – 20 LEAD SSOP SCLK SDIN ZEROFR DIN AGND DGND LRCIN VOUTLP VOUTLN LATCH VOUTRN WM8718 16 15 14 20 19 18 17 5 6 7 1 2 3 4 VMID VREFP AVDD DVDD 13 12 11 8 9 10 VOUTRP MCLK BCKIN VREFN ZEROFL ORDERING INFORMATION – 20 LEAD SSOP DEVICE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8718SEDS -25 to +85 oC 20-lead SSOP (Pb-free) MSL1 260°C WM8718SEDS/R -25 to +85 oC 20-lead SSOP (Pb-free, tape and reel) MSL1 260°C Note: Reel quantity = 2,000 |