| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8581 Fiches technique(PDF) 29 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8581 Fiches technique(HTML) 29 Page - Wolfson Microelectronics plc |
|
29 / 100 page ![]() Production Data WM8581 w PD Rev 4.0 April 2007 29 DSP MODE A In DSP Mode A, the MSB of Channel 1 left data is sampled on the second rising edge of BCLK following a LRCLK rising edge. Channel 1 right data then follows. For the PAIF Receiver, Channels 2 , 3 and 4 follow as shown in Figure 17. Figure 17 DSP Mode A Timing Diagram – PAIF Receiver Input Data For the SAIF receiver, only stereo information is processed. Figure 18 DSP Mode A Timing Diagram – SAIF Receiver Input Data The MSB of the left channel of the output data changes on the first falling edge of BCLK following a low to high LRCLK transition and may be sampled on the rising edge of BCLK. The right channel data is contiguous with the left channel data. Figure 19 DSP Mode A Timing Diagram – PAIF/SAIF Transmitter Data |