| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8510GEDS/RV Fiches technique(PDF) 74 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8510GEDS/RV Fiches technique(HTML) 74 Page - Wolfson Microelectronics plc |
|
74 / 81 page ![]() WM8510 Production Data w PD Rev 4.1 December 2006 74 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO 6 MONOMUTE 0 MONOOUT Mute Control 0=No mute 1=Output muted. During mute the mono output will output VMID which can be used as a DC reference for a headphone out. Analogue Outputs 5:3 0 Reserved 2 MIC2_2MONO 0 Output of Auxillary amplifier to mono mixer input: 0 = not selected 1 = selected Analogue Outputs 1 BYP2MONO 0 Bypass path (output of input boost stage) to mono mixer input 0 = non selected 1 = selected Analogue Outputs 0 DAC2MONO 0 Output of DAC to mono mixer input 0 = not selected 1 = selected Analogue Outputs |