Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

630000000 Fiches technique(PDF) 2 Page - ITT Industries

No de pièce 630000000
Description  AUXILIARY ACTUATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

630000000 Fiches technique(HTML) 2 Page - ITT Industries

  630000000 Datasheet HTML 1Page - ITT Industries 630000000 Datasheet HTML 2Page - ITT Industries 630000000 Datasheet HTML 3Page - ITT Industries 630000000 Datasheet HTML 4Page - ITT Industries 630000000 Datasheet HTML 5Page - ITT Industries 630000000 Datasheet HTML 6Page - ITT Industries 630000000 Datasheet HTML 7Page - ITT Industries 630000000 Datasheet HTML 8Page - ITT Industries 630000000 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
BB-1 SEALED PLUNGER (For use with P0 actuator option.)
BJ-1 OVERTRAVEL PLUNGER (For use with P0 actuator option.)
BB-2 SEALED PLUNGER (For use with PS sealed actuator option.)
BJ-2 OVERTRAVEL PLUNGER (For use with PS sealed actuator option.)
AUXILIARY ACTUATORS
L
C&K Hardware
L-7
www.ittcannon.com
ITT Industries
Cannon
Basic precision HB Series switches, with any terminal style, can be used with these attachable actuators. As supplied, the
actuator is not assembled to the switch; the switch must be ordered separately. The actuator can be assembled to the switch
before mounting, or the actuator can be mounted on the panel or chassis and the switch installed after wiring. Assembly screws,
nuts and lockwashers are furnished.
Actuator assembly sealed to mounting surface
by flexible boot and o-ring seal.
Provides up to .250 in. total travel; mounting
by threaded bushing or two screws.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23