Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

895101264 Fiches technique(PDF) 4 Page - ITT Industries

No de pièce 895101264
Description  AUXILIARY ACTUATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

895101264 Fiches technique(HTML) 4 Page - ITT Industries

  895101264 Datasheet HTML 1Page - ITT Industries 895101264 Datasheet HTML 2Page - ITT Industries 895101264 Datasheet HTML 3Page - ITT Industries 895101264 Datasheet HTML 4Page - ITT Industries 895101264 Datasheet HTML 5Page - ITT Industries 895101264 Datasheet HTML 6Page - ITT Industries 895101264 Datasheet HTML 7Page - ITT Industries 895101264 Datasheet HTML 8Page - ITT Industries 895101264 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
PART NO.
489501000
489502000
489503000
MATERIAL
Polycarbonate-ABS blend; Finish: Matte
WHITE
BLACK
RED
PART NO.
489601000
489602000
489603000
MATERIAL
Polycarbonate-ABS blend; Finish: Matte
WHITE
BLACK
RED
CAPS
PART NO.
489701000
489702000
489703000
MATERIAL
Polycarbonate-ABS blend; Finish: Matte
WHITE
BLACK
RED
PART NO.
489801000
489802000
489803000
MATERIAL
Polycarbonate-ABS blend; Finish: Matte
WHITE
BLACK
RED
PART NO.
552701000
552702000
552703000
MATERIAL
Polycarbonate-ABS blend; Finish: Matte
WHITE
BLACK
RED
MP SERIES, ANTI-STATIC WITH
TRANSPARENT LENS
PART NO.
120100602
MATERIAL
6/6 Nylon; Finish: Matte
BLACK
PART NO.
121000101
121000102
121000103
MATERIAL
6/6 Nylon; Finish: Gloss
WHITE
BLACK
RED
PART NO.
121160100
121160200
121160300
MATERIAL
6/6 NYLON; Finish: Matte
WHITE
BLACK
RED
PART NO.
489301000
489302000
489303000
MATERIAL
Polycarbonate-ABS blend; Finish: Matte
WHITE
BLACK
RED
MP SERIES WITHOUT LED
MP SERIES WITH TWO LED
MP SERIES WITH LED
MP SERIES WITH TWO LED
KA SERIES, K1 CRUCIFORM ACTUATORS
699101000
699102000
699103000
WHITE
BLACK
RED
PART NO.
MP SERIES
L SERIES
S SERIES, C1-C9 ACTUATORS
S SERIES, 03 ACTUATOR
PART NO.
489401000
489402000
489403000
MATERIAL
Polycarbonate-ABS blend; Finish: Matte
WHITE
BLACK
RED
MP SERIES
Special colors, custom markings available, consult Customer Service Center.
MATERIAL
Nylon; Finish: Matte
MATTE
GLOSS
484601000
484602000
484603000
FOR SERIES
8020, 8060, E010, E020,
KM11, L, TP.
.450 SQ.
(11,43)
.195
(4,95)
.240
(6,10)
WHITE
BLACK
RED
PART NO.
798201000
798202263
798203000
FOR SERIES
8020, 8060, E010, E020,
KM11, L, TP.
WHITE
BLACK
RED
.122
 DIA. PLUNGERS
PART NO.
L
C&K Hardware
L-9
www.ittcannon.com
ITT Industries
Cannon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23