| Moteur de recherche de fiches techniques de composants électroniques |
|
GV1G09 Fiches technique(PDF) 5 Page - Schneider Electric |
|
|
|||||||||||||||||||||||||||||
GV1G09 Fiches technique(HTML) 5 Page - Schneider Electric |
|
5 / 48 page ![]() 4 Variable speed drives: page 12 Configuration and runtime tools: page 16 Combinations: page 22 Dimensions: page 44 Presentation Variable speed drives Altivar Machine ATV320 Machine solution The Altivar Machine ATV320 is an IP 20 variable speed drive for three-phase synchronous and asynchronous motors and incorporates functions suitable for the most common applications, including: b Material handling b Packaging b Textiles b Hoisting b Mechanical actuators b Material working The Altivar Machine ATV320 series is focused on easy integration for simple and advanced machine requirements with proven motor control and connectivity. It offers enhanced automation capabilities and performance for industrial machine applications: b Effective control of asynchronous and permenent magnet motors b Complete integration into any system architecture (Ethernet, CANopen, Profibus, etc.) b Compact and book format for integration in a variety of different cabinet types b Integrated safety function for compliance with functional safety standards b Enhanced resistance to polluted atmospheres By taking account of constraints on product setup and use right from the design stage, we have been able to simplify integration of the Altivar Machine ATV320 drive into industrial machines. It features more than 150 functions. It is robust, easy to install, and compliant with the Machinery Directive 2006/42/EC. Schneider Electric's MachineStruxure solutions provide abundant ready-to-use, PLCopen-compliant libraries. SoMachine can be used to develop, configure, and set up an entire machine in a single software environment. Through the FDT/DTM technology, it is possible to configure, control, and diagnose Altivar Machine ATV320 drives directly in SoMachine and SoMove software by means of the same software brick (DTM). With seamless integration under this platform, Altivar Machine ATV320 benefits from the advantage of shorter engineering and design times. Optional Ethernet- based communication capability makes it accessible to real-time production data at any level of the automation system via a web server. Applications Altivar Machine ATV320 drives incorporate functions suitable for the most common applications, including: Material handling b Small conveyors b Large conveying systems b Turntable conveyors, etc. Packing and packaging machines b Small bagging machines b Labeling machines b Carton packers, etc. Packing and Packaging machines Material handling application |