Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

32G431 Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce 32G431
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32G431 Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button 32G431 Datasheet HTML 40Page - STMicroelectronics 32G431 Datasheet HTML 41Page - STMicroelectronics 32G431 Datasheet HTML 42Page - STMicroelectronics 32G431 Datasheet HTML 43Page - STMicroelectronics 32G431 Datasheet HTML 44Page - STMicroelectronics 32G431 Datasheet HTML 45Page - STMicroelectronics 32G431 Datasheet HTML 46Page - STMicroelectronics 32G431 Datasheet HTML 47Page - STMicroelectronics 32G431 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 198 page
background image
Pinouts and pin description
STM32G431x6 STM32G431x8 STM32G431xB
44/198
DS12589 Rev 6
4
Pinouts and pin description
4.1
UFQFPN32 pinout description
Figure 5. STM32G431x6/x8/xB UFQFPN32 pinout
1. The above figure shows the package top view.
4.2
LQFP32 pinout description
Figure 6. STM32G431x6/x8/xB LQFP32 pinout
1. The above figure shows the package top view.
MSv47174V1
UFQFPN32
1
2
3
4
5
6
7
8
VDD
PF0-OSC_IN
PF1-OSC_OUT
PG10-NRST
PA0
PA1
PA2
PA3
24
23
22
21
20
19
18
17
32 31
VDD
PA10
PA14
PA11
PA8
PA9
PA12
PA13
30 29 28 27 26 25
9
10 11 12131415 16
Exposed pad
MSv47175V1
LQFP32
1
2
3
4
5
6
7
8
VDD
PF0-OSC_IN
PF1-OSC_OUT
PG10-NRST
PA0
PA1
PA2
PA3
24
23
22
21
20
19
18
17
PA14
PA13
PA12
PA11
PA10
PA9
PA8
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More