| Moteur de recherche de fiches techniques de composants électroniques |
|
476602000 Fiches technique(PDF) 2 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
476602000 Fiches technique(HTML) 2 Page - ITT Industries |
|
2 / 23 page ![]() BB-1 SEALED PLUNGER (For use with P0 actuator option.) BJ-1 OVERTRAVEL PLUNGER (For use with P0 actuator option.) BB-2 SEALED PLUNGER (For use with PS sealed actuator option.) BJ-2 OVERTRAVEL PLUNGER (For use with PS sealed actuator option.) AUXILIARY ACTUATORS L C&K Hardware L-7 www.ittcannon.com ITT Industries Cannon Basic precision HB Series switches, with any terminal style, can be used with these attachable actuators. As supplied, the actuator is not assembled to the switch; the switch must be ordered separately. The actuator can be assembled to the switch before mounting, or the actuator can be mounted on the panel or chassis and the switch installed after wiring. Assembly screws, nuts and lockwashers are furnished. Actuator assembly sealed to mounting surface by flexible boot and o-ring seal. Provides up to .250 in. total travel; mounting by threaded bushing or two screws. |