| Moteur de recherche de fiches techniques de composants électroniques |
|
SMD2SW.020.4OZ Fiches technique(PDF) 1 Page - Chip Quik Inc. |
|
|
|||||||||||||||||||||||||||||
SMD2SW.020.4OZ Fiches technique(HTML) 1 Page - Chip Quik Inc. |
|
1 / 3 page ![]() Datasheet revision 1.4 www.chipquik.com Indium Solder Wire (In52/Sn48) 0.031" diameter - 10 ft with 2cc SMD291 flux Product Highlights Low Temperature Melts at 118°C (244°F) Lead-Free RoHS 3 compliant REACH compliant This eutectic alloy is excellent for low temperature soldering and sealing. Specifications Alloy: In52/Sn48 Tensile Strength: 11.9 N/mm^2 (at 20°C) Wire diameter: 0.031” (0.8mm) Flux Core: No flux core, solid solder wire Melting Point: 118°C (244°F) Packaging: 10ft spool, comes with 2cc of SMD291 flux Shelf Life: >60 months Recommended Accessory Flux Recommended to use with Chip Quik® SMD291 flux. Storage and Handling Store in a non-corrosive, dry environment. 1 © 1994-2022 Chip Quik® Inc. S SM MD DIIN N5 52 2S SN N4 48 8 |
Numéro de pièce similaire - SMD2SW.020.4OZ |
|
Description similaire - SMD2SW.020.4OZ |