| Moteur de recherche de fiches techniques de composants électroniques |
|
ESP-07S Fiches technique(PDF) 13 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
ESP-07S Fiches technique(HTML) 13 Page - rfsolutions.ltd |
|
13 / 18 page ![]() ESP-07S DS-ESP07S-1 4.3.AT commend Espressif AT instruction set functions and methods of use AT commands set is divided into: Basic AT commands, WiFi related AT commands, TCP / IP AT 4.3.1.AT Command Description Table 8 Each Command set contains four types of AT commands. Notes: 1. Not all AT Command has four commands. 2. [] = default value, not required or may not appear 3. String values require double quotation marks, for example: AT+CWSAP="ESP756290","21030826",1,4 4. Baudrate = 115200 5. AT Commands has to be capitalized, and end with "/r/n" 4.3.2.Basic AT Command Set The ESP8266 wireless WiFi modules can be driven via the serial interface using the standard AT commands. Here is a list of some basic AT commands that can be used. |