| Moteur de recherche de fiches techniques de composants électroniques |
|
OVR40440SPTS Fiches technique(PDF) 20 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OVR40440SPTS Fiches technique(HTML) 20 Page - ABB |
|
20 / 62 page ![]() Surge Pr otective Devices 16.18 Low Voltage Products & Systems 1SXU000023C0202 Rev. A ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage 16 16 One pole + neutral Catalog number Service voltage 1) Max. discharge current (Imax, 8/20µs, kA) Aux. contact - remote monitoring Replacement cartridge 2) OVRT21N15150PU 120V Single phase, 240/120V Split phase, 208/120V Wye 15 No OVRT215150CU, OVRT270NCU OVRT21N15320PU 240/120V HLD, 240V Single phase, 277V Single phase, 480/240V Split phase, 480/277V Wye 15 No OVRT215320CU, OVRT270NCU OVRT21N40150PTSU 120V Single phase, 240/120V Split phase, 208/120V Wye 40 Yes OVRT240150CU, OVRT270NCU OVRT21N40320PTSU 240/120V HLD, 240V Single phase, 277V Single phase, 480/240V Split phase, 480/277V Wye 40 Yes OVRT240320CU, OVRT270NCU OVRT21N40440PTSU 600/347V Wye 40 Yes OVRT240440CU, OVRT270NCU OVRT21N40550PTSU 600/347V Wye 40 Yes OVRT240550CU, OVRT270NCU OVRT21N40660PTSU 600/347V Wye 40 Yes OVRT240660CU, OVRT270NCU 1) May require multiple SPDs 2) May require up to one phase and one neutral replacement cartridges Two pole + neutral Catalog number Service voltage 1) Max. discharge current (Imax, 8/20µs, kA) Aux. contact - remote monitoring Replacement cartridge 2) OVRT22N15150PU 240/120V Split phase, 208/120V Wye 15 No OVRT215150CU, OVRT270NCU OVRT22N15320PU 240/120V HLD, 480/240V Split phase, 480/277V Wye 15 No OVRT215320CU, OVRT270NCU OVRT22N40150PTSU 240/120V Split phase, 208/120V Wye 40 Yes OVRT240150CU, OVRT270NCU OVRT22N40320PTSU 240/120V HLD, 480/240V Split phase, 480/277V Wye 40 Yes OVRT240320CU, OVRT270NCU OVRT22N40440PTSU 600/347V Wye 40 Yes OVRT240440CU, OVRT270NCU OVRT22N40550PTSU 600/347V Wye 40 Yes OVRT240550CU, OVRT270NCU OVRT22N40660PTSU 600/347V Wye 40 Yes OVRT240660CU, OVRT270NCU 1) May require multiple SPDs 2) May require up to two phase and one neutral replacement cartridges. Product selection OVR DIN rail SPD |