| Moteur de recherche de fiches techniques de composants électroniques |
|
OVR40440 Fiches technique(PDF) 21 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OVR40440 Fiches technique(HTML) 21 Page - ABB |
|
21 / 62 page ![]() Surge Pr otective Devices Low Voltage Products & Systems 16.19 ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage 1SXU000023C0202 Rev. A 16 16 Product selection OVR DIN rail SPD Three pole + neutral Catalog number Service voltage Max. discharge current (Imax, 8/20µs, kA) Aux. contact - remote monitoring Replacement cartridge 1) OVRT23N15150PU 208/120V Wye 15 No OVRT215150CU OVRT270NCU OVRT23N15320PU 480/277V Wye, 240/120V HLD 15 No OVRT215320CU OVRT270NCU OVRT23N40150PTSU 208/120V Wye 40 Yes OVRT240150CU OVRT270NCU OVRT23N40320PTSU 480/277V Wye, 240/120V HLD 40 Yes OVRT240320CU OVRT270NCU OVRT23N40440PTSU 600/347V Wye 40 Yes OVRT240440CU OVRT270NCU OVRT23N40550PTSU 600/347V Wye 40 Yes OVRT240550CU OVRT270NCU OVRT23N40660PTSU 600/347V Wye 40 Yes OVRT240660CU OVRT270NCU 1) May require up to three phase and one neutral replacement cartridges Neutral Catalog number Service voltage Max. discharge current (Imax, 8/20µs, kA) Aux. contact - remote monitoring Replacement cartridge OVRT270NPU HLD, Single Phase, Split Phase and Wye 70 No OVRT270NCU Replacement cartridges Catalog number OVRT215150CU OVRT215320CU OVRT240150CU OVRT240320CU OVRT240440CU OVRT240550CU OVRT240660CU OVRT270NCU NOTE: These replacement cartridges are usable only with the new OVR DIN rail product range shown in this brochure. |