Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OVR40320SPTS Fiches technique(PDF) 4 Page - ABB

No de pièce OVR40320SPTS
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OVR40320SPTS Fiches technique(HTML) 4 Page - ABB

  OVR40320SPTS Datasheet HTML 1Page - ABB OVR40320SPTS Datasheet HTML 2Page - ABB OVR40320SPTS Datasheet HTML 3Page - ABB OVR40320SPTS Datasheet HTML 4Page - ABB OVR40320SPTS Datasheet HTML 5Page - ABB OVR40320SPTS Datasheet HTML 6Page - ABB OVR40320SPTS Datasheet HTML 7Page - ABB OVR40320SPTS Datasheet HTML 8Page - ABB OVR40320SPTS Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
Surge
Pr
otective
Devices
16.2
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
16
16
What is a transient surge?
A transient surge is a sudden (shorter than a millisecond) rise in the flow of power. Voltage can peak at 12x the nominal system voltage.
Transient surges result from a number of sources, the most common of which are internal, such as load switching
and even normal equipment operations. In fact, approximately 80% of transients are generated internally. External
transients are the result of lightning and load switching by utilities and upstream facilities.
Internal load switching
Switching on/off any elements that create a sudden variation of load will also cause a sudden change in current flow
and generate transient surges.
Lightning strikes
A lightning strike (direct or indirect) can have a destructive or disturbing effect on installations located up to several
miles from the actual point of the strike. During a storm, underground cables can transmit energy from a lightning
strike to equipment installed inside buildings.
A lightning protection device (such as a lightning rod or Faraday cage) installed on a building to protect against the risk
of a direct strike can increase the risk of damage to electrical equipment connected to the main power supply near or
inside the building.
The lightning protection device diverts the high strike current to ground, considerably raising the potential of
the ground close to the building on which it is installed. This causes overvoltages on the electrical equipment
directly via the ground terminals and induced via the underground supply cables.
Switching effects on power distribution
The switching of transformers, motors or inductances in general, variation of load, disconnection of circuit
breakers or cut outs lead to overvoltages that penetrate a building. The closer the building is to a generating
station, substation or upstream switching point, the higher the overvoltages may be.
Facilities and operations left unprotected are highly susceptible to the damaging effects of transients.
Such as:
• Catastrophic equipment failure
• Immediate operation shutdown
• Long term disruption of business
• Expensive equipment repair and replacement
• Data losses, system resets and network down time
In order to ensure protection from transient surges, installation of surge protective devices (SPD) is a must.
ABB has a long history of engineering and manufacturing quality surge protective devices. This brochure will
provide all the information needed to select the proper products to begin protecting any facility or operation.
ABB’s family of surge protective devices include the following:
• OVR NE12 enclosed SPD for service entrance locations
• OVR DIN rail AC SPD for equipment protection
• OVR PV DIN rail DC SPD for photovoltaic installations
• OVR DIN rail data line SPD for sensitive communications networks
General information
Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62