Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OVR40275SPTS Fiches technique(PDF) 21 Page - ABB

No de pièce OVR40275SPTS
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OVR40275SPTS Fiches technique(HTML) 21 Page - ABB

Back Button OVR40275SPTS Datasheet HTML 17Page - ABB OVR40275SPTS Datasheet HTML 18Page - ABB OVR40275SPTS Datasheet HTML 19Page - ABB OVR40275SPTS Datasheet HTML 20Page - ABB OVR40275SPTS Datasheet HTML 21Page - ABB OVR40275SPTS Datasheet HTML 22Page - ABB OVR40275SPTS Datasheet HTML 23Page - ABB OVR40275SPTS Datasheet HTML 24Page - ABB OVR40275SPTS Datasheet HTML 25Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
Surge
Pr
otective
Devices
Low Voltage Products & Systems
16.19
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
1SXU000023C0202 Rev. A
16
16
Product selection
OVR DIN rail SPD
Three pole + neutral
Catalog number
Service voltage
Max. discharge
current
(Imax, 8/20µs, kA)
Aux. contact -
remote monitoring
Replacement
cartridge 1)
OVRT23N15150PU
208/120V Wye
15
No
OVRT215150CU
OVRT270NCU
OVRT23N15320PU
480/277V Wye, 240/120V HLD
15
No
OVRT215320CU
OVRT270NCU
OVRT23N40150PTSU
208/120V Wye
40
Yes
OVRT240150CU
OVRT270NCU
OVRT23N40320PTSU
480/277V Wye, 240/120V HLD
40
Yes
OVRT240320CU
OVRT270NCU
OVRT23N40440PTSU
600/347V Wye
40
Yes
OVRT240440CU
OVRT270NCU
OVRT23N40550PTSU
600/347V Wye
40
Yes
OVRT240550CU
OVRT270NCU
OVRT23N40660PTSU
600/347V Wye
40
Yes
OVRT240660CU
OVRT270NCU
1) May require up to three phase and one neutral replacement cartridges
Neutral
Catalog number
Service voltage
Max. discharge
current
(Imax, 8/20µs, kA)
Aux. contact -
remote monitoring
Replacement
cartridge
OVRT270NPU
HLD, Single Phase, Split Phase and Wye
70
No
OVRT270NCU
Replacement
cartridges
Catalog number
OVRT215150CU
OVRT215320CU
OVRT240150CU
OVRT240320CU
OVRT240440CU
OVRT240550CU
OVRT240660CU
OVRT270NCU
NOTE: These replacement
cartridges are usable only with
the new OVR DIN rail product
range shown in this brochure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62