| Moteur de recherche de fiches techniques de composants électroniques |
|
473202000 Fiches technique(PDF) 1 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
473202000 Fiches technique(HTML) 1 Page - ITT Industries |
|
1 / 23 page ![]() ALS-1 LEAF ALS-2 LEAF (Low Motion) AWS-1 LEAF ROLLER AWS-2 LEAF ROLLER (Low Motion) AUXILIARY ACTUATORS L C&K Hardware L-6 www.ittcannon.com ITT Industries Cannon Easy to assemble auxiliary actuators for the MM Series provides the end-user with the capability to operate the switch with force not directly in line with the operating button. Actuators are available in either the plain-leaf or roller-leaf style. Each actuator kit consists of the stainless steel spring-leaf with an integral side mounting plate, flexible insulator, two (2) #2-56 x 7/16” roundhead screws, with lockwashers and hex nuts. Actuator and hardware are supplied unassembled. Specially formed auxiliary actuators are available, consult Customer Service Center. |
Numéro de pièce similaire - 473202000 |
|
Description similaire - 473202000 |