Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OVR40275P Fiches technique(PDF) 53 Page - ABB

No de pièce OVR40275P
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OVR40275P Fiches technique(HTML) 53 Page - ABB

Back Button OVR40275P Datasheet HTML 49Page - ABB OVR40275P Datasheet HTML 50Page - ABB OVR40275P Datasheet HTML 51Page - ABB OVR40275P Datasheet HTML 52Page - ABB OVR40275P Datasheet HTML 53Page - ABB OVR40275P Datasheet HTML 54Page - ABB OVR40275P Datasheet HTML 55Page - ABB OVR40275P Datasheet HTML 56Page - ABB OVR40275P Datasheet HTML 57Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
Low Voltage Products & Systems
16.51
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
1SXU000023C0202 Rev. A
Command
Devices
E210
Series
16
16
Command Devices
E210 Series
Description
These devices are specifically made for commanding loads and signalling electrical conditions
in any low-voltage switchboard. They are available in half module or 1 module, depending
on the contact-layout. The devices with indicator lights are equipped with a LED, which
grants an optimum illumination with very low consumption.
The functions of these devices are particularly switching, pushing and signalling electrical
conditions in any installations (low-voltage area)
General new features
J Space-saving through 9mm modules
J All terminals equipped with Pozidrive 1 screws
J Safe connection due to cage-clamp
J LED with bright colors and available in three different voltage ranges
J Different lens and button colors
J Compliance to international standards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62