| Moteur de recherche de fiches techniques de composants électroniques |
|
413502000 Fiches technique(PDF) 4 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
413502000 Fiches technique(HTML) 4 Page - ITT Industries |
|
4 / 23 page ![]() PART NO. 489501000 489502000 489503000 MATERIAL Polycarbonate-ABS blend; Finish: Matte WHITE BLACK RED PART NO. 489601000 489602000 489603000 MATERIAL Polycarbonate-ABS blend; Finish: Matte WHITE BLACK RED CAPS PART NO. 489701000 489702000 489703000 MATERIAL Polycarbonate-ABS blend; Finish: Matte WHITE BLACK RED PART NO. 489801000 489802000 489803000 MATERIAL Polycarbonate-ABS blend; Finish: Matte WHITE BLACK RED PART NO. 552701000 552702000 552703000 MATERIAL Polycarbonate-ABS blend; Finish: Matte WHITE BLACK RED MP SERIES, ANTI-STATIC WITH TRANSPARENT LENS PART NO. 120100602 MATERIAL 6/6 Nylon; Finish: Matte BLACK PART NO. 121000101 121000102 121000103 MATERIAL 6/6 Nylon; Finish: Gloss WHITE BLACK RED PART NO. 121160100 121160200 121160300 MATERIAL 6/6 NYLON; Finish: Matte WHITE BLACK RED PART NO. 489301000 489302000 489303000 MATERIAL Polycarbonate-ABS blend; Finish: Matte WHITE BLACK RED MP SERIES WITHOUT LED MP SERIES WITH TWO LED MP SERIES WITH LED MP SERIES WITH TWO LED KA SERIES, K1 CRUCIFORM ACTUATORS 699101000 699102000 699103000 WHITE BLACK RED PART NO. MP SERIES L SERIES S SERIES, C1-C9 ACTUATORS S SERIES, 03 ACTUATOR PART NO. 489401000 489402000 489403000 MATERIAL Polycarbonate-ABS blend; Finish: Matte WHITE BLACK RED MP SERIES Special colors, custom markings available, consult Customer Service Center. MATERIAL Nylon; Finish: Matte MATTE GLOSS 484601000 484602000 484603000 FOR SERIES 8020, 8060, E010, E020, KM11, L, TP. .450 SQ. (11,43) .195 (4,95) .240 (6,10) WHITE BLACK RED PART NO. 798201000 798202263 798203000 FOR SERIES 8020, 8060, E010, E020, KM11, L, TP. WHITE BLACK RED .122 DIA. PLUNGERS PART NO. L C&K Hardware L-9 www.ittcannon.com ITT Industries Cannon |