Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

32-13 Fiches technique(PDF) 14 Page - Amphenol Corporation

No de pièce 32-13
Description  Amphenol 97 Series Connectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

32-13 Fiches technique(HTML) 14 Page - Amphenol Corporation

Back Button 32-13 Datasheet HTML 10Page - Amphenol Corporation 32-13 Datasheet HTML 11Page - Amphenol Corporation 32-13 Datasheet HTML 12Page - Amphenol Corporation 32-13 Datasheet HTML 13Page - Amphenol Corporation 32-13 Datasheet HTML 14Page - Amphenol Corporation 32-13 Datasheet HTML 15Page - Amphenol Corporation 32-13 Datasheet HTML 16Page - Amphenol Corporation 32-13 Datasheet HTML 17Page - Amphenol Corporation 32-13 Datasheet HTML 18Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
12
97 series solder type
alternate insert positioning
Insert
Arrangement
Degrees
W
XYZ
12S-3
70
145
215
290
14S-2
14S-5
14S-7
14S-9
–
–
90
70
120
110
180
145
240
–
270
215
–
–
–
290
16S-1
16S-4
16S-5
16S-6
16-7
16S-8
16-9
16-10
16-11
16-13
80
35
70
90
80
–
35
90
35
35
–
110
145
180
110
170
110
180
110
110
–
250
215
270
250
265
250
270
250
250
280
325
290
–
280
–
325
–
325
325
18-1
18-3
18-4
18-5
18-8
18-9
18-10
18-11
18-12
18-13
18-19
18-20
18-22
18-29
70
35
35
80
70
80
–
–
80
80
–
90
70
90
145
110
110
110
–
110
120
170
–
110
120
180
145
180
215
250
250
250
–
250
240
265
–
250
240
270
215
270
290
325
325
280
290
280
–
–
280
280
–
–
290
–
20-3
20-4
20-6
20-7
20-8
20-14
20-15
20-16
20-17
20-18
20-19
20-21
20-23
20-24
20-27
20-29
70
45
70
80
80
80
80
80
90
35
90
35
35
35
35
80
145
110
145
110
110
110
–
110
180
110
180
110
110
110
110
–
215
250
215
250
250
250
–
250
270
250
270
250
250
250
250
–
290
–
290
280
280
280
280
280
–
325
–
325
325
325
325
280
*Rotates opposite above illustration.
22-1
22-2
22-4
22-5
22-8
22-9
22-10
22-11
22-12
22-13
22-14
22-15
22-16
22-18
22-19
22-20
22-22
22-23
22-27
22-28
22-34
35
70
35
35
35
70
35
35
80
35
80
80
80
80
80
35
–
35
80
80
80
110
145
110
110
110
145
110
110
110
110
110
110
110
110
110
110
110
–
–
–
110
250
215
250
250
250
215
250
250
250
250
250
250
250
250
250
250
250
250
250
–
250
325
290
325
325
325
290
325
325
280
325
280
280
280
280
280
325
–
–
280
280
280
24-2
24-5
24-6
24-7
24-9
24-10
24-11
24-12
24-16
24-20
24-21
24-22
24-27
24-28
80
80
80
80
35
80
35
80
80
80
80
45
80
80
–
110
110
110
110
–
110
110
110
110
110
110
–
110
–
250
250
250
250
–
250
250
250
250
250
250
–
250
280
280
280
280
325
280
325
280
280
280
280
–
280
280
28-1
28-2
28-3
28-6
28-8
28-9
28-10
28-11
28-12
28-15
28-16
28-17
28-18
28-19
28-20
28-21
80
35
70
70
80
80
80
80
90
80
80
80
70
80
80
80
110
110
145
145
110
110
110
110
180
110
110
110
145
110
110
110
250
250
215
215
250
250
250
250
270
250
250
250
215
250
250
250
280
325
290
290
280
280
280
280
–
280
280
280
290
280
280
280
32-5
32-6
32-7
32-8
32-13
32-17
32-414*
35
80
80
80
80
45
80*
110
110
125
125
110
110
110*
250
250
235
235
250
250
250*
325
280
280
280
280
–
280*
36-1
36-5
36-6
36-7
36-8
36-9
36-10
36-15
80
–
35
80
80
80
80
60
110
120
110
110
110
125
125
125
250
240
250
250
250
235
235
245
280
–
325
280
280
280
280
305
Insert
Arrangement
Degrees
W
XYZ
WZ
XY
normal
FRONT FACE OF PIN INSERT
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38