Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32MP157DAC1 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STM32MP157DAC1
Description  Discovery kits with increased-frequency 800 MHz STM32MP157 MPUs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157DAC1 Fiches technique(HTML) 4 Page - STMicroelectronics

  STM32MP157DAC1 Datasheet HTML 1Page - STMicroelectronics STM32MP157DAC1 Datasheet HTML 2Page - STMicroelectronics STM32MP157DAC1 Datasheet HTML 3Page - STMicroelectronics STM32MP157DAC1 Datasheet HTML 4Page - STMicroelectronics STM32MP157DAC1 Datasheet HTML 5Page - STMicroelectronics STM32MP157DAC1 Datasheet HTML 6Page - STMicroelectronics STM32MP157DAC1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2.2
Codification
The meaning of the codification is explained in Table 2.
Table 2. Codification explanation
STM32MP1XXY-DKZ
Description
Example: STM32MP157F-DK2
STM32MP1
MPU series in STM32 Arm Cortex MPUs
STM32MP1 Series
XX
MPU product line in the series
STM32MP157
Y
Options:
•
D: basic security, 800 MHz increased frequency
•
F: Secure Boot, cryptography hardware, 800 MHz
increased frequency
Secure Boot, cryptography hardware,
800 MHz increased frequency
DKZ
Toolkit configuration:
•
DK1: basic
•
DK2: LCD, Wi
‑Fi®, and Bluetooth® Low Energy
LCD, Wi
‑Fi®, and Bluetooth® Low
Energy
STM32MP157D-DK1 STM32MP157F-DK2
Codification
DB4022 - Rev 2
page 4/7



Html Pages

1 2 3 4 5 6 7