Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB5807CT/KD Fiches technique(PDF) 54 Page - Microchip Technology

No de pièce USB5807CT/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807CT/KD Fiches technique(HTML) 54 Page - Microchip Technology

Back Button USB5807CT/KD Datasheet HTML 48Page - Microchip Technology USB5807CT/KD Datasheet HTML 49Page - Microchip Technology USB5807CT/KD Datasheet HTML 50Page - Microchip Technology USB5807CT/KD Datasheet HTML 51Page - Microchip Technology USB5807CT/KD Datasheet HTML 52Page - Microchip Technology USB5807CT/KD Datasheet HTML 53Page - Microchip Technology USB5807CT/KD Datasheet HTML 54Page - Microchip Technology USB5807CT/KD Datasheet HTML 55Page - Microchip Technology USB5807CT/KD Datasheet HTML 56Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
USB5807C
DS00003182B-page 54
2019 - 2021 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
[-X]
/XX
Package
Temperature
Range
Device
Device:
USB5807C
Tape and Reel
Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature
Range:
Blank =
0C to +70C (Commercial)
I
= -40C to +85C (Industrial)
Package:
KD
= 100-pin VQFN
Examples:
a)
USB5807C/KD
Tray, Commercial temp., 100-pin VQFN
b)
USB5807C-I/KD
Tray, Industrial temp., 100-pin VQFN
c)
USB5807CT/KD
Tape & reel, Commercial temp., 100-pin VQFN
d)
USB5807CT-I/KD
Tape & reel, Industrial temp., 100-pin VQFN
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
Note 2:
Devices prior to silicon revision C do not
include the upgrades described in
Section 9.0, Compliance Update.
[X](1)
Tape and Reel
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56