| Moteur de recherche de fiches techniques de composants électroniques |
|
USB5807C/KD Fiches technique(PDF) 54 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5807C/KD Fiches technique(HTML) 54 Page - Microchip Technology |
|
54 / 56 page ![]() USB5807C DS00003182B-page 54 2019 - 2021 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. [-X] /XX Package Temperature Range Device Device: USB5807C Tape and Reel Option: Blank = Standard packaging (tube or tray) T = Tape and Reel(1) Temperature Range: Blank = 0C to +70C (Commercial) I = -40C to +85C (Industrial) Package: KD = 100-pin VQFN Examples: a) USB5807C/KD Tray, Commercial temp., 100-pin VQFN b) USB5807C-I/KD Tray, Industrial temp., 100-pin VQFN c) USB5807CT/KD Tape & reel, Commercial temp., 100-pin VQFN d) USB5807CT-I/KD Tape & reel, Industrial temp., 100-pin VQFN Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. Note 2: Devices prior to silicon revision C do not include the upgrades described in Section 9.0, Compliance Update. [X](1) Tape and Reel Option |