| Moteur de recherche de fiches techniques de composants électroniques |
|
MGS6 Fiches technique(PDF) 8 Page - COSEL CO., LTD. |
|
|
|||||||||||||||||||||||||||||
MGS6 Fiches technique(HTML) 8 Page - COSEL CO., LTD. |
|
8 / 46 page ![]() MG-8 MGW3 DC-DC Converters PCB Mount Type MG W 3 24 12 -O Ordering information 1Series name 2Dual output 3Output wattage 4Input voltage 5Output voltage 6Optional R 1 2 3 4 5 6 *1 Single output +24V, +30V with no use of COM. *2 Rated input 5V, 12V, 24V or 48V DC Io=100% *3 Symmetrical loading from 20% to 100%. *4 Symmetrical loading from 0% to 100%. *5 Ripple and Ripple Noise is measured by using test board with ceramic capacitor 1 F at 50mm from output pins. (20MHz Osilloscope) *6 Drift is the DC output accuracy for eight hours period after a half-hour warm-up at 25C. * Parallel operation with other model is not possible. MODEL MGW30512 MGW30515 MGW31212 MGW31215 MGW32412 MGW32415 MGW34812 MGW34815 MAX OUTPUT WATTAGE[W] 3.12 3.00 3.12 3.00 3.12 3.00 3.12 3.00 DC OUTPUT VOLTAGE[V] *1 ±12 or +24 ±15 or +30 ±12 or +24 ±15 or +30 ±12 or +24 ±15 or +30 ±12 or +24 ±15 or +30 CURRENT[A] 0.13 0.1 0.13 0.1 0.13 0.1 0.13 0.1 SPECIFICATIONS MODEL MGW30512 MGW30515 MGW31212 MGW31215 MGW32412 MGW32415 MGW34812 MGW34815 INPUT VOLTAGE[V] DC4.5 - 9 (Surge voltage 12.5V, 100ms max) DC9 - 18 (Surge voltage 25V, 100ms max) DC18 - 36 (Surge voltage 50V, 100ms max) DC36 - 76 (Surge voltage 100V, 100ms max) CURRENT[A] *2 0.76typ 0.74typ 0.31typ 0.31typ 0.16typ 0.16typ 0.080typ 0.077typ EFFICIENCY[%] *2 83typ 82typ 84typ 83typ 83typ 83typ 82typ 82typ OUTPUT VOLTAGE[V] ±12 or +24 ±15 or +30 ±12 or +24 ±15 or +30 ±12 or +24 ±15 or +30 ±12 or +24 ±15 or +30 CURRENT[A] 0.13 0.1 0.13 0.1 0.13 0.1 0.13 0.1 LINE REGULATION[mV] 60max 75max 60max 75max 60max 75max 60max 75max LOAD REGULATION[mV] *3 480max 600max 480max 600max 480max 600max 480max 600max *4 600max 750max 600max 750max 600max 750max 600max 750max RIPPLE[mVp-p] *5 150max 150max 150max 150max 150max 150max 150max 150max RIPPLE NOISE[mVp-p] *5 200max 200max 200max 200max 200max 200max 200max 200max TEMPERATURE REGULATION[mV] -20 to +70C 180max 220max 180max 220max 180max 220max 180max 220max -40 to +70C 290max 340max 290max 340max 290max 340max 290max 340max DRIFT[mV] *6 48max 60max 48max 60max 48max 60max 48max 60max START-UP TIME[ms] 30max (Minimum input, Io=100%) OUTPUT VOLTAGE SETTING[V] 11.64 - 12.36 14.55 - 15.45 11.64 - 12.36 14.55 - 15.45 11.64 - 12.36 14.55 - 15.45 11.64 - 12.36 14.55 - 15.45 PROTECTION CIRCUIT OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically ISOLATION INPUT-OUTPUT DC1,500V or AC1,000V 1minute, Cutoff current=10mA, DC500V 1,000MW min (20±15C) ENVIRONMENT OPERATINGTEMP.,HUMID.AND ALTITUDE -40 to +85C, 20 to 95%RH (Non condensing) (Refer to “Derating”), 5,000m (16,400feet) max STORAGE TEMP.,HUMID.AND ALTITUDE -40 to +100C, 20 to 95%RH (Non condensing), 9,000m (30,000feet) max VIBRATION 10 - 55Hz 98.0m/s2 (10G), 3minute period, 60minutes each along X, Y and Z axis IMPACT 490.3m/s2 (50G) 11ms, once each along X, Y and Z axis SAFETY AGENCY APPROVALS UL60950-1, C-UL, EN62368-1 OTHERS CASE SIZE/WEIGHT 17.0X12.0X8.5mm [0.67X0.48X0.34 inches] (WXHXD) / 4g max COOLING METHOD Convection/Forced air December 27, 2022 www.cosel.co.jp/en/ |