| Moteur de recherche de fiches techniques de composants électroniques |
|
22-22 Fiches technique(PDF) 10 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
22-22 Fiches technique(HTML) 10 Page - Amphenol Corporation |
|
10 / 38 page ![]() 8 97 series solder type insert arrangements, cont. Front view of pin insert or rear of socket insert illustrated. Items highlighted are most popular and most readily available. 6 Contacts 7 Contacts 8 Contacts A B C D E F F A B C D E B A D E C F E A B F C D A B C D E F F A B C D E A B C D E F A B C D E F G A B C D E F G A B C D E F G A B C D E F G A B C D G E F A B C D E F G FA B C D E G A B C D E F G A B C D E F G A B C G D E F G A B C D E F H A B C D E F H G A B C D E H F G G A B C D E H F A B C D E F H G 97 series solder type insert arrangements, cont. Front view of pin insert or rear of socket insert illustrated. Items highlighted are most popular and most readily available. 6 Contacts 7 Contacts 8 Contacts A B C D E F F A B C D E B A D E C F E A B F C D A B C D E F F A B C D E A B C D E F A B C D E F G A B C D E F G A B C D E F G A B C D E F G A B C D G E F A B C D E F G FA B C D E G A B C D E F G A B C D E F G A B C G D E F G A B C D E F H A B C D E F H G A B C D E H F G G A B C D E H F A B C D E F H G |