| Moteur de recherche de fiches techniques de composants électroniques |
|
103 Fiches technique(PDF) 3 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
103 Fiches technique(HTML) 3 Page - 3M Electronics |
|
3 / 4 page ![]() 3 Electronic Solutions Division Interconnect Solutions http://www.3Mconnectors.com 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 3M™ Mini D Ribbon (MDR) Connectors Metal Junction Shell for Round Cable 103 Series TS-0341-B Sheet 3 of 2 Recommended PCB hole mounting pattern for coaxial, column differential and stripline applications. Recommended PCB hole mounting pattern for row differential applications. (Same geometry as above without the ground vias.) Hole Plating Table mm [in.] Finsihed Hole Dia. “D” Cu. Thickness SnPb Thickness Drilled Hole Dia. 0.457 - 0.559 [.0180 - .0220] 0.025 - 0.045 [.0010 - .0018] 0.008 -0.018 [.0003 - .0007] 0.584 - 0.625 [.0230 - .0246] Plated thru holes Ø DIM D Ø 0.10 A B C 1.00 20.00 1.50 C A 1 2 3 4 5 6 7 8 9 10 11 8.00 A B C D E 2.00 2.00 1.00 B M E D C B 11 10 9 8 7 6 5 4 3 2 1 A |