| Moteur de recherche de fiches techniques de composants électroniques |
|
CST0612-FC-R0015E Fiches technique(PDF) 1 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
CST0612-FC-R0015E Fiches technique(HTML) 1 Page - Bourns Electronic Solutions |
|
1 / 5 page ![]() Features n Four terminal design n Low inductance <5 nH n Low thermal EMF <3 µV/°C n Metal alloy strip n RoHS compliant* and halogen free** n AEC-Q200 compliant Applications n Current sense n Precision circuits n Medical equipment*** n Printers n Automation equipment n Navigation equipment Model CST0612 Current Sense Resistor * RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011. ** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less. *** Bourns® products have not been specifically designed and tested for FDA Class III applications and equivalent applications covered by other regulatory authority such as the European Counsel, and their use in such applications is neither recommended nor supported. Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/ docs/legal/disclaimer.pdf. Environmental Characteristics Specification Model CST0612 Shelf Life Two years from manufacturing date Storage Conditions: Temperature +5 °C ~ +35 °C Humidity 40 % ~ 75 % Recommended Solder Sn96.5 / Ag3 / Cu0.5 , Material: Strip Alloy Overcoating Molding Compound UL 94V0 Grade Electrical Characteristics Characteristic Model CST0612 Power Rating @ 70 °C 1 W (NOTE 1) Resistance Range 0.5 - 5 milliohms Operating Temperature Range -55 °C to +170 °C Temperature Coefficient of Resistance ±100 PPM/°C ±200 PPM/°C Resistance Tolerance ±1 % Insulation Resistance > 100 megohms Derated to Zero Load at +170 °C Maximum Working Voltage (V) (P*R)^1/2 (Note 1) 1 watt with total solder pad and trace size of 300 mm2. Soldering Profile 50 100 150 200 250 Heating Time 10 ±1 second 30 ±10 seconds 90 ±30 seconds Peak: 260 °C 230 °C or higher 180 °C 150 °C PREHEATING ZONE SOLDERING ZONE Iron Solder: 350 ±10 °C 3 +1/-0 seconds Popular Resistance Table Resistance Value (Milliohms) Resistance Code 0.50 R0005 0.75 R00075 1.00 R001 1.50 R0015 2.00 R002 3.00 R003 5.00 R005 Rated Voltage The rated voltage is calculated by the following formula: V= P X R V: Rated Voltage (V) P: Rated Power (W) R: Resistance Value (W) WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov Additional Information Click these links for more information: PRODUCT TECHNICAL LIBRARY INVENTORY SAMPLES CONTACT |
Numéro de pièce similaire - CST0612-FC-R0015E |
|
Description similaire - CST0612-FC-R0015E |