| Moteur de recherche de fiches techniques de composants électroniques |
|
893102000 Fiches technique(PDF) 10 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
893102000 Fiches technique(HTML) 10 Page - ITT Industries |
|
10 / 23 page ![]() FRAMES—SEPARATE SNAP-IN Special colors, custom markings available, consult Customer Service Center. .495 – .505 (12,57 – 12,83) .797 – .803 (20,24 – 20,40) .005 R. MAX. (0,13) TYP. .495 – .505 (12,57 – 12,83) .595 – .605 (15,11 – 15,37) .005 R. (0,13) MAX. TYP. .495 – .505 (12,57 – 12,83) .620 – .625 (15,75 – 15,88) .005 R. (0,13) MAX. TYP. 452601000 452602263 452603000 WHITE BLACK RED PART NO. 452801000 452802263 452803000 PART NO. 452701000 452702263 452703000 PART NO. 452901000 452902263 452903000 PART NO. 7000 & E SERIES J1, J2 ACTUATORS .047 (1,19) PANEL THK. .062 (1,57) PANEL THK. .090 (2,29) PANEL THK. .125 (3,18) PANEL THK. 432801000 432802263 432803000 WHITE BLACK RED PART NO. 432701000 432702263 432703000 PART NO. 432601000 432602263 432603000 PART NO. 432501000 432502263 432503000 PART NO. 7000, 8020, 8060, 8500, E, E010, E020 & TP SERIES J50, J60, J80, J90 ACTUATORS .047 (1,19) PANEL THK. .062 (1,57) PANEL THK. .090 (2,29) PANEL THK. .125 (3,18) PANEL THK. PANEL MOUNTING 4529, 4527, 4528, 4526 4325, 4326 4327, 4328 476601000 476602000 476603000 WHITE BLACK RED PART NO. 894901000 894902000 894903000 PART NO. PANEL INSERT WITH HOLE FOR LED BLANK PANEL INSERT WITHOUT HOLE FOR LED PANEL INSERTS (WILL FIT SEPARATE SNAP-IN FRAMES FOR J50, J60, J90 ACTUATORS). TYPICAL APPLICATION L C&K Hardware L-15 www.ittcannon.com ITT Industries Cannon Frames snap into panel opening and are independent from switch mounting. Accurate positioning of the PC mounted switch relative to the panel opening is necessary to provide proper clearance between actuator and frame. Available in two basic styles and four panel thicknesses .047-.125 in. Material: Nylon. Finish: Matte. Above frames (part nos. 432XXXXXX) are also available with insert which accepts LED for indicator light assembly. Order insert separately from frame. Blank insert panel (without hole for LED) also available. LED not included, see page L-17 for LED information and recommendations. |