Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNR016 Fiches technique(PDF) 4 Page - SONiX Technology Company

No de pièce SNR016
Description  16M-bit Mask ROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONIX [SONiX Technology Company]
Site Internet  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNR016 Fiches technique(HTML) 4 Page - SONiX Technology Company

  SNR016 Datasheet HTML 1Page - SONiX Technology Company SNR016 Datasheet HTML 2Page - SONiX Technology Company SNR016 Datasheet HTML 3Page - SONiX Technology Company SNR016 Datasheet HTML 4Page - SONiX Technology Company SNR016 Datasheet HTML 5Page - SONiX Technology Company SNR016 Datasheet HTML 6Page - SONiX Technology Company SNR016 Datasheet HTML 7Page - SONiX Technology Company SNR016 Datasheet HTML 8Page - SONiX Technology Company SNR016 Datasheet HTML 9Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SNR016
16M-bit Mask ROM
4. MEMORY MAPPING
For 8-bit AD (address/data) bus interface, all the address and data communication
between SNC710 and SNR016 are through data bus D[0..7]. SNC710 allows user to
connect maximum 2 external mask ROM, and SNR016 has 4 bank select pins
(BS1~BS4) to specify the memory region of each mask ROM.
BS4~BS1
Address Region
0010
0x0200000 ~ 0x02FFFFF
0011
0x0300000 ~ 0x03FFFFF
0100
0x0400000 ~ 0x04FFFFF
0101
0x0500000 ~ 0x05FFFFF
0110
0x0600000 ~ 0x06FFFFF
0111
0x0700000 ~ 0x07FFFFF
1000
0x0800000 ~ 0x08FFFFF
1001
0x0900000 ~ 0x09FFFFF
1010
0x0A00000 ~ 0x0AFFFFF
1011
0x0B00000 ~ 0x0BFFFFF
1100
0x0C00000 ~ 0x0CFFFFF
1101
0x0D00000 ~ 0x0DFFFFF
1110
0x0E00000 ~ 0x0EFFFFF
1111
0x0F00000 ~ 0x0FFFFFF
Table-1
Note: For the address region 0x00000~0x01FFFFF are reserved, and the setting
of bank select pins BS4~BS1 CAN’T be the range 0000~0x0001.
Ver. 1.4
October 21, 2005
4



Html Pages

1 2 3 4 5 6 7 8 9