Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STG5682 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STG5682
Description  Low voltage dual SPDTswitch with negative rail capacitance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5682 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STG5682 Datasheet HTML 7Page - STMicroelectronics STG5682 Datasheet HTML 8Page - STMicroelectronics STG5682 Datasheet HTML 9Page - STMicroelectronics STG5682 Datasheet HTML 10Page - STMicroelectronics STG5682 Datasheet HTML 11Page - STMicroelectronics STG5682 Datasheet HTML 12Page - STMicroelectronics STG5682 Datasheet HTML 13Page - STMicroelectronics STG5682 Datasheet HTML 14Page - STMicroelectronics STG5682 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
STG5682
Package mechanical data
11/16
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16