Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC2550-RTR1 Fiches technique(PDF) 23 Page - Texas Instruments

No de pièce CC2550-RTR1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTR1 Fiches technique(HTML) 23 Page - Texas Instruments

Back Button CC2550-RTR1 Datasheet HTML 19Page - Texas Instruments CC2550-RTR1 Datasheet HTML 20Page - Texas Instruments CC2550-RTR1 Datasheet HTML 21Page - Texas Instruments CC2550-RTR1 Datasheet HTML 22Page - Texas Instruments CC2550-RTR1 Datasheet HTML 23Page - Texas Instruments CC2550-RTR1 Datasheet HTML 24Page - Texas Instruments CC2550-RTR1 Datasheet HTML 25Page - Texas Instruments CC2550-RTR1 Datasheet HTML 26Page - Texas Instruments CC2550-RTR1 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 23 of 54
16
Radio Control
TX
19,20
IDLE
1
CALIBRATE
8
MANCAL
3,4,5
SETTLING
9,10,11
TX_UNDERFLOW
22
FSTXON
18
SFSTXON
FS_AUTOCAL = 00 | 10 | 11
&
STX | SFSTXON
STX
STX
TXFIFO_UNDERFLOW
SFTX
SIDLE
SCAL
CAL_COMPLETE
FS_AUTOCAL = 01
&
STX | SFSTXON
CAL_COMPLETE
CALIBRATE
12
IDLE
1
TXOFF_MODE = 00
&
FS_AUTOCAL = 10 | 11
TXOFF_MODE = 00
&
FS_AUTOCAL = 00 | 01
TXOFF_MODE = 10
FS_WAKEUP
6,7
STX | SFSTXON
SLEEP
0
SPWD
XOFF
2
SXOFF
CSn = 0
CSn = 0
TXOFF_MODE = 01
Figure 13: Radio control state diagram
CC2550 has a built-in state machine that is
used to switch between different operation
states (modes). The change of state is done
either by using command strobes or by
internal events such as TX FIFO underflow.
A simplified state diagram, together with
typical usage and current consumption, is
shown in Figure 4 on page 12. The complete
radio control state diagram is shown in Figure
13. The numbers refer to the state number
readable in the MARCSTATE status register.
This functionality is primarily for test purposes.
16.1
Power-On Start-Up Sequence
When the power supply is turned on, the
system must be reset. One of the following two



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55