Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

97-252 Fiches technique(PDF) 16 Page - Laird Tech Smart Technology

No de pièce 97-252
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LSTD [Laird Tech Smart Technology]
Site Internet  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-252 Fiches technique(HTML) 16 Page - Laird Tech Smart Technology

Back Button 97-252 Datasheet HTML 12Page - Laird Tech Smart Technology 97-252 Datasheet HTML 13Page - Laird Tech Smart Technology 97-252 Datasheet HTML 14Page - Laird Tech Smart Technology 97-252 Datasheet HTML 15Page - Laird Tech Smart Technology 97-252 Datasheet HTML 16Page - Laird Tech Smart Technology 97-252 Datasheet HTML 17Page - Laird Tech Smart Technology 97-252 Datasheet HTML 18Page - Laird Tech Smart Technology 97-252 Datasheet HTML 19Page - Laird Tech Smart Technology 97-252 Datasheet HTML 20Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
DUAL SLOT SERIES
2.3
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
Dual slot mount parts are available for a variety of slotted applications.
The dual slot feature optimizes the compression force and provides a good
operating range. This product is ideal for both shielding and grounding
applications. The bi-directional wiping and compression action accommodates
a wide variety of designs. Ideal for use in the grounding and shielding of
front panel handles, sub rack assemblies, plug-in units, back planes and
other electronic enclosure applications.
SERIES
A
B
C
D
E
H
M
N
O
P
Q
LENGTH # OF
PITCH
SLOT
APPROX. FING.
77-075 0.325
0.100
0.003
0.187
0.018 0.085
0.110 0.090
0.260
0.040
0.020
16.000
86
(8.255) (2.54) (0.076) (4.750) (0.457) (2.159) (2.794) (2.286) (6.604) (1.016) (0.508) (406.400) —
77-093 0.325
0.140
0.003
0.187
0.018 0.085
0.110 0.090
0.260
0.040
0.020
16.000
86
(8.255) (3.556) (0.076) (4.750) (0.457) (2.159) (2.794) (2.286) (6.604) (1.016) (0.508) (406.400) —
77-110 0.325
0.125
0.003
0.187
0.018 0.085
0.110 0.090
0.260
0.040
0.020
16.000
86
(8.255) (3.175) (0.076) (4.750) (0.457) (2.159) (2.794) (2.286) (6.604) (1.016) (0.508) (406.400) —
DUAL SLOT SERIES DIMENSIONS
TOP VIEW
RIGHT VIEW
B
A
M
C
H
2X Q
Approx. Length
D
E
Part No. 77-075, 77-093, 77-110
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64