| Moteur de recherche de fiches techniques de composants électroniques |
|
SN8P1602B Fiches technique(PDF) 21 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602B Fiches technique(HTML) 21 Page - SONiX Technology Company |
|
21 / 76 page ![]() SN8P1602B 8-Bit Micro-Controller SONiX TECHNOLOGY CO., LTD Page 21 Version 1.2 Example: “@JMP_A” application in SONIX macro file called “MACRO3.H”. B0MOV A, BUF0 ; “BUF0” is from 0 to 4. @JMP_A 5 ; The number of the jump table listing is five. JMP A0POINT ; If ACC = 0, jump to A0POINT JMP A1POINT ; ACC = 1, jump to A1POINT JMP A2POINT ; ACC = 2, jump to A2POINT JMP A3POINT ; ACC = 3, jump to A3POINT JMP A4POINT ; ACC = 4, jump to A4POINT If the jump table position is from 00FDH to 0101H, the “@JMP_A” macro will make the jump table to start from 0100h. |