| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F407IG Fiches technique(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407IG Fiches technique(HTML) 53 Page - STMicroelectronics |
|
53 / 203 page ![]() DS8626 Rev 9 53/203 STM32F405xx, STM32F407xx Pinouts and pin description 33 J3 51 73 P12 92 PB12 I/O FT - SPI2_NSS / I2S2_WS / I2C2_SMBA/ USART3_CK/ TIM1_BKIN / CAN2_RX / OTG_HS_ULPI_D5/ ETH_RMII_TXD0 / ETH_MII_TXD0/ OTG_HS_ID/ EVENTOUT - 34 J1 52 74 P13 93 PB13 I/O FT - SPI2_SCK / I2S2_CK / USART3_CTS/ TIM1_CH1N /CAN2_TX / OTG_HS_ULPI_D6 / ETH_RMII_TXD1 / ETH_MII_TXD1/ EVENTOUT OTG_HS_VBUS 35 J2 53 75 R14 94 PB14 I/O FT - SPI2_MISO/ TIM1_CH2N / TIM12_CH1 / OTG_HS_DM/ USART3_RTS / TIM8_CH2N/I2S2ext_SD/ EVENTOUT - 36 H1 54 76 R15 95 PB15 I/O FT - SPI2_MOSI / I2S2_SD/ TIM1_CH3N / TIM8_CH3N / TIM12_CH2 / OTG_HS_DP/ EVENTOUT RTC_REFIN - H2 55 77 P15 96 PD8 I/O FT - FSMC_D13 / USART3_TX/ EVENTOUT - - H3 56 78 P14 97 PD9 I/O FT - FSMC_D14 / USART3_RX/ EVENTOUT - - G3 57 79 N15 98 PD10 I/O FT - FSMC_D15 / USART3_CK/ EVENTOUT - - G15880 N14 99 PD11 I/O FT - FSMC_CLE / FSMC_A16/USART3_CTS/ EVENTOUT - - G2 59 81 N13 100 PD12 I/O FT - FSMC_ALE/ FSMC_A17/TIM4_CH1 / USART3_RTS/ EVENTOUT - Table 7. STM32F40xxx pin and ball definitions(1) (continued) Pin number Pin name (function after reset)(2) Alternate functions Additional functions |