Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VENUSL/KG/QP1S Fiches technique(PDF) 3 Page - Zarlink Semiconductor Inc

No de pièce VENUSL/KG/QP1S
Description  CDMA/AMPS Dual Band and RF Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

VENUSL/KG/QP1S Fiches technique(HTML) 3 Page - Zarlink Semiconductor Inc

  VENUSL/KG/QP1S Datasheet HTML 1Page - Zarlink Semiconductor Inc VENUSL/KG/QP1S Datasheet HTML 2Page - Zarlink Semiconductor Inc VENUSL/KG/QP1S Datasheet HTML 3Page - Zarlink Semiconductor Inc VENUSL/KG/QP1S Datasheet HTML 4Page - Zarlink Semiconductor Inc VENUSL/KG/QP1S Datasheet HTML 5Page - Zarlink Semiconductor Inc VENUSL/KG/QP1S Datasheet HTML 6Page - Zarlink Semiconductor Inc VENUSL/KG/QP1S Datasheet HTML 7Page - Zarlink Semiconductor Inc VENUSL/KG/QP1S Datasheet HTML 8Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2
VENUS-L Datasheet
Circuit Description
The RF section of VENUS-L contains all of the circuitry
necessary to downconvert the RF signal from 900 MHz
or 1900 MHz to an IF of 50-250 MHz, and to correctly
interface with a suitable IF SAW filter. Two RF inputs are
provided, one for the 1900MHz band and one for the 900
MHz band. The required input is activated by means of
the ‘BAND 1900’ pin.
The input is a g
m stage which will provide a characteristic
impedance to correctly terminate the RF image-reject
SAW filter.
Two LO ports are provided, one for 1900MHz band and
one for 900 MHz band, both with low noise buffer
amplifiers.
External matching components are required on the RF,
LO and IF ports.
Figure 2 - Pin Connections
QSOP16
CDMA IF
CDMA IFB
VCC
LO 2GHZ
GND
RF 900
GND
CHIP ENABLE
BAND 1900
GND
RF 1900
GND
LO 1GHZ
VCC
AMPS IFB
AMPS IF
9
16
8
1
Pin Description
Pin No
Pin Name
Description
1
CDMA IF
CDMA (1900MHz mixer) IF SAW output
2
CDMA IFB
CDMA (1900MHz mixer) IF SAW output bar
3
VCC
Positive supply
4
LO 2GHZ
2 GHz LO input for 1900MHz mixer
5
GND
Ground
6
RF 900
900MHz RF input
7
GND
Ground
8
CHIP ENABLE
Logic input for chip enable
9
AMPS IF
AMPS (900MHz mixer) IF SAW output
10
AMPS IFB
AMPS (900MHz mixer) IF SAW output bar
11
VCC
Positive supply
12
LO 1GHZ
1GHz LO input for 900MHz mixer
13
GND
Ground
14
RF 1900
1900MHz RF input
15
GND
Ground
16
BAND 1900
Logic input to select 1900MHz or 900MHz signal path operation



Html Pages

1 2 3 4 5 6 7 8