Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6571AD Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce L6571AD
Description  HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6571AD Fiches technique(HTML) 7 Page - STMicroelectronics

  L6571AD Datasheet HTML 1Page - STMicroelectronics L6571AD Datasheet HTML 2Page - STMicroelectronics L6571AD Datasheet HTML 3Page - STMicroelectronics L6571AD Datasheet HTML 4Page - STMicroelectronics L6571AD Datasheet HTML 5Page - STMicroelectronics L6571AD Datasheet HTML 6Page - STMicroelectronics L6571AD Datasheet HTML 7Page - STMicroelectronics L6571AD Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/8
L6571A L6571B
Minidip
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.32
0.131
a1
0.51
0.020
B
1.15
1.65
0.045
0.065
b
0.356
0.55
0.014
0.022
b1
0.204
0.304
0.008
0.012
D
10.92
0.430
E
7.95
9.75
0.313
0.384
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
6.6
0.260
I
5.08
0.200
L
3.18
3.81
0.125
0.150
Z
1.52
0.060
OUTLINE AND
MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8